PART |
Description |
Maker |
KM4270 KM4270IC8 KM4270IM8 KM4270IM8TR3 KM4270IC8T |
XTAL MTL SMT HC49/USM 双路,低成本.7VV的,轨对轨输输出放大 Dual/ Low Cost/ 2.7V and 5V/ Rail-to-Rail I/O Amplifier Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AD73322L AD73322LAST EVAL-AD73322LEB AD73322LAR AD |
Dual-Channel, 3 V Front-End Processor for General Purpose Applications Including Speech and Telephony Low Cost, Low Power CMOS General Purpose Dual Analog Front End Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
|
AD[Analog Devices]
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX4351 MAX4350 MAX4351EKAT MAX4350EXKT MAX4351ESA |
Operational Amplifier DUAL OP-AMP, 26000 uV OFFSET-MAX, PDSO8 Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs OP-AMP, 26000 uV OFFSET-MAX, PDSO5 Ultra-Small, Low-Cost, 210MHz, Dual-Supply Op Amps with Rail-to-Rail Outputs OP-AMP, 26000 uV OFFSET-MAX, PDSO8 "SC70, Low-Cost, 210MHz, Dual-Supply Op Amp with Rail-toRail Outputs" " SC70, Low-Cost, 210MHz, Dual-Supply Op Amp with Rail-toRail Outputs"
|
Maxim Integrated Products, Inc.
|
MIC5016 MIC5016BN MIC5016BWM MIC5017BN MIC5017BWM |
Low-Cost Dual High- or Low-Side MOSFET Driver
|
MICREL[Micrel Semiconductor]
|
AD73322ARZ |
Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
|
Analog Devices
|
LT1260 LT1259ISPBF LT1259ISTRPBF LT1259 |
Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown Low Cost Triple 130MHz Current Feedback Amplifiers with Shutdown(低价三通道130MHz电流反馈放大带关) Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C
|
Linear Technology Corporation
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
KM4211 KM4211IM8 KM4211IC8 KM4211IC8TR3 KM4211IM8T |
DUAL, 0.2MA, LOW COST, 2.7V & 5V, 35MHZ RAIL-TO-RAIL AMP Dual/ 0.2mA/ Low Cost/ 2.7V & 5V/ 35MHz Rail-to-Rail Amp From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|